Part Number Hot Search : 
S0247 12160 19KFKE SMA5937B FDW2506 AMN34112 BAV16 29450
Product Description
Full Text Search
 

To Download 0586870010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0586870010 Active
HMCTM Rectangular Industrial Hood Bracket, Multi-Module Type, 36 Circuits, Type A Polarization
Documents: 3D Model Drawing (PDF)
Product Specification PS-58691-004 (PDF) RoHS Certificate of Compliance (PDF) Series R72081037 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
TUV
General
Product Family Series Application Component Type Product Name Type I/O Connectors 58687 Panel-Mount Hood Bracket HMCTM N/A
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Waterproof / Dustproof Type 36 36 50 Yes Brass Copper Copper Vertical No Bag N/A 0.000 In 0.00 mm 0.000 In 0.00 mm 20 0.5 20 0.5 Yes -55C to +125C Surface Mount Yes IP65
Search Parts in this Series 58687Series Mates With 58691-0010 panel-mount bracket Use With 58696-0010 hood, 51192 housing, 51193 housing
Electrical
Current - Maximum per Contact Voltage - Maximum 12A 300V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-58691-004, RPS-58691-003, RPS-58691-004, RPS-58691-005 SD-58687-002
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0586870010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X